PART |
Description |
Maker |
CRC-1 |
IEC CONNECTOR RETAINING CLAMP FOR IEC 60320 C13
|
PowerDynamics, Inc
|
A42MX09-PL100 A42MX09-PL100ES A42MX09-PL100I A42MX |
FPGA, 336 CLBS, 14000 GATES, PQCC84 FPGA, 608 CLBS, 24000 GATES, 117 MHz, PQFP100 FPGA, 608 CLBS, 24000 GATES, 56.16 MHz, PQFP100 FPGA, 608 CLBS, 24000 GATES, PQFP100 FPGA, 336 CLBS, 14000 GATES, PQFP100 FPGA, 912 CLBS, 36000 GATES, PQCC84 FPGA, 912 CLBS, 36000 GATES, 114.75 MHz, PQCC84 FPGA, 1184 CLBS, 54000 GATES, PBGA272 FPGA, 547 CLBS, 6000 GATES, 108.54 MHz, PQCC84 FPGA, 608 CLBS, 24000 GATES, 56.16 MHz, PQFP176 FPGA, 608 CLBS, 24000 GATES, PQFP176 FPGA, 912 CLBS, 36000 GATES, 84 MHz, PQFP176 1.40 MM HEIGHT, PLASTIC, TQFP-176 FPGA, 608 CLBS, 24000 GATES, 93.6 MHz, PQFP176 1.40 MM HEIGHT, PLASTIC, TQFP-176 FPGA, 336 CLBS, 14000 GATES, 117 MHz, PQFP176 1.40 MM HEIGHT, PLASTIC, TQFP-176 40MX and 42MX FPGA Families FPGA, 547 CLBS, 6000 GATES, PQFP100
|
Actel, Corp. Actel Corporation
|
FTC FTC-6Z FTC-6ZC FTC-6ZM FTC-2Z FTC-2ZC FTC-2ZM |
Chasis Panel with Fused IEC conector Switch High Attenuation (1-6A) IEC Connector Filter IEC Connector Filter
|
PREMO CORPORATION S.L
|
P036-010-15A |
Heavy-Duty Power Extension Cord, 15A, 14 AWG (IEC-320-C19 to IEC-320-C20), 10 ft. (3 m)
|
Tripp Lite. All Rights ...
|
P00518N |
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 18-in
|
Tripp Lite. All Rights ...
|
P-1240-00X P-1240-004 P-1240-005 |
IEC & Wallplug Single Phase Filters IEC & Wallplug Impedance Matching Units
|
PREMO CORPORATION S.L
|
7448 |
Dcvice converts BCD input data into control signals for 7-segment displays Dcvice BCD码转换成控制信号段显示器输入数据
|
List of Unclassifed Manufacturers Unknow ETC Electronic Theatre Controls, Inc.
|
CC-0310-10 |
2,466,608 Hrs @ 30C GB
|
JMK Inc.
|
GT-96100A |
Advanced Communication Controller That Handles a Wide Range of Serial
Communication Protocols,such as Ethernet,Fast Ethernet,and HDLC(通信协议的高级通信协议(以太网、快速以太网、HDLC)控制器)
|
Galileo Technology Services, LLC
|
1SV232 |
INLET, IEC, SWITCHED; Connector type:IEC; Gender:Plug; Current rating:10A; Voltage rating, AC:250V; Outlets, No. of:1; Termination method:Solder Lug VARIABLE CAPACITANCE DIODE (CATV TUNING)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
AK5328192WP-60 |
8,388,608 by 32 Bit CMOS Dynamic Random Access Memory
|
http:// ACCUTEK MICROCIRCUIT CORPORATION
|
|